ver: 1.3 apr 13, 2007 tel: 886-3-5788833 http://www.gmt.com.tw 1 G1331 global mixed-mode technology inc. general purpose, low voltage comparator with open-drain output features ? guaranteed 2.7v to 6v performance ? open drain output ? input common mode voltage range includes ground ? low supply current 90 a at 5v power supply ? operating temperature range -40 c to +85 c ? sot-23-5 and sc-70-5 package available applications ? mobile communications ? notebooks and pda ? s ? battery powered electronics ? general purpose portable device ? general purpose low voltage applications general description the G1331 is a low voltage comparator with open-drain output. it is guaranteed to operate from 2.7v to 6v power supply. the current consumption is as low as 90 a at 5v supply voltage. so it is very suitable for portable electronic devices applications. G1331 is available in the sot-23-5 and sc-70-5 package. ordering information order number marking temp. range package (pb free) G1331t11u 1331x -40 c~ +85 c sot-23-5 G1331ta1u 1331x -40 c~ +85 c sc-70-5 note:t1: sot-23-5 ta: sc-70-5 1: bonding code u: tape & reel pin configuration v+ output sot-23-5/sc-70-5 5 4 1 in+ 2 3 v- in- G1331 v+ output sot-23-5/sc-70-5 5 4 1 in+ 2 3 v- in- G1331
|